Part Number Hot Search : 
20D181K AP8022 L0107DE 608X5 MTA35ZA V271CA40 SSM3J130 13001
Product Description
Full Text Search
 

To Download BZX55C12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C-SERIES
ZENER DIODES
Zener Voltage:2.4-180V Peak Pulse Power:500mW
FEATURE DO-35(GLASS)
Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S/9.5mm lead length at 5 lbs tension
1.0 2(26.0) MIN. 0.079(2.0) MAX
MECHANICAL DATA
0.165 (4.2) MAX
1.0 2(26.0) MIN. 0.020(0.52) TYP
Case: JEDEC DO-35(GLASS) molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.005 ounce,0.14 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. SYMBOLS VALUE UNITS
Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1 Forward voltage at IF=100mA
Ptot Tj TSTG RqJA VF 500 200 -65 to + 200 0.3 1.0 mW C C K/mW V
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Nominal ZenerVoltage Vz@IZT Min
BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4C3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 BZX55C100 BZX55C110 BZX55C120 BZX55C130 BZX55C150 BZX55C160 BZX55C180 BZX55C188 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 153 168 188
Device Type
Max
2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 80 87 96 106 116 127 141 156 171 191 212
Maximum Zener Test Impedance Current IZT ZZT@IZT IZK ZZK@IZK mA Ohms Ohms mA
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 85 85 85 85 85 85 75 60 35 25 10 8.0 7.0 7.0 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 800 1000 1200 1500 1800 2000 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 5000 5000 5000 5000 5000 5000 5000 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Maximum Reverse Leakage Current IR m A
50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
@VR Volts
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150
Typical Temperature Coefficient (%/ C)
-0.085 -0.080 -0.075 -0.070 -0.065 -0.060 +0.055 +0.030 +0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096 +0.096
Maximum Regulator Current IZM mA
155 135 125 115 105 95 90 85 80 70 64 58 53 74 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.0 6.4 5.9 5.3 4.8 4.4 4.0 3.6 3.3 3.0 2.6 2.5 2.2 2.0
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES BZX55-SERIES
Breakdown characteristics
mA 50 Iz,TEST CURRENT,MILLIAMPERS 5 10 15 20 25 30 V
40
30
20
Test Current Iz=5mA
10
0
Ptot,POWER DISSIPATION,MILLIWATTS
2V4
6V8 6V2 5V6 5V1 4V7 4V3 3V9 3V3
Admissible power dissipation versus ambient temperature Valid provided that leads are kept at ambient temperature at a distance of 10mm from case 500 400 300 200 100 0
9V1 0
www.shunyegroup.com
12 11 50
Vz,ZENER VOLTAGE,volts
100
AMBIENT TEMPERATURE, C
15 150
200
20
22 250
24
27


▲Up To Search▲   

 
Price & Availability of BZX55C12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X